Part Number Hot Search : 
FAN604H MP103 BOARD 3386W200 CD3821 TA2057N MAX9990 MAX743
Product Description
Full Text Search
 

To Download TPME108M035S0018 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  tpm multianode tantalum ultra low esr capacitor how to order technical data: all technical data relate to an ambient temperature of +25c capacitance range: 10 f to 2200 f capacitance tolerance: 10%, 20% rated voltage (v r ) +85c: 2.5 4 6.3 10 16 20 25 35 50 category voltage (v c ) +125c: 1.7 2.7 4 7 10 13 17 23 33 surge voltage (v s ) +85c: 3.3 5.2 8 13 20 26 32 46 65 surge voltage (v s ) +125c: 2.2 3.4 5 8 13 16 20 28 40 temperature range: -55c to +125c reliability: 1% per 1000 hours at 85c, v r with 0.1 /v series impedance, 60% confidence level technical specifications case dimensions: millimeters (inches) code eia eia l0.20 w+0.20 (0.008) h+0.20 (0.008) w 1 0.20) a+0.30 (0.012) s min. code metric (0.008) -0.10 (0.004) -0.10 (0.004) (0.008) -0.20 (0.008) d 2917 7343-31 7.30 (0.287) 4.30 (0.169) 2.90 (0.114) 2.40 (0.094) 1.30 (0.051) 4.40 (0.173) e 2917 7343-43 7.30 (0.287) 4.30 (0.169) 4.10 (0.162) 2.40 (0.094) 1.30 (0.051) 4.40 (0.173) v 2924 7361-38 7.30 (0.287) 6.10 (0.240) 3.55 (0.140) 3.10 (0.120) 1.30 (0.051) 4.40 (0.173) y 2917 7343-20 7.30 (0.287) 4.30 (0.169) 2.00 (0.079) max 2.40 (0.094) 1.30 (0.051) 4.40 (0.173) w1 dimension applies to the termination width for a dimensional area only. tpm type e case size see table above 108 capacitance code pf code: 1st two digits represent significant figures, 3rd digit represents multiplier (number of zeros to follow) m tolerance k=10% m=20% 004 rated dc voltage 002=2.5vdc 004=4vdc 006=6.3vdc 010=10vdc 016=16vdc 020=20vdc 025=25vdc 035=35vdc 050=50vdc r packaging r = pure tin 7" reel s = pure tin 13" reel h = tin lead 7" reel (contact manufacturer) k = tin lead 13" reel (contact manufacturer) h, k = non rohs 0018 esr in m for part marking see page 157 multianode construction ? multi-anode construction ? super low esr ? cv range: 10-2200f / 2.5-50v ? 4 case sizes available ? mirror multi-anode construction used with d case capacitors reduces esl to half lead-free compatible component snpb termination option is not rohs compliant. september 2013  63
64  september 2013 tpm multianode tantalum ultra low esr capacitor capacitance and rated voltage, vr (voltage code) range (letter denotes case size) released codes (m tolerance only) engineering samples - please contact manufacturer *codes under development - subject to change note: voltage ratings are minimum values. avx reserves the right to supply higher ratings in the same case size, to the same r eliability standards. capacitance rated voltage dc (v r ) to 85c f code 2.5v (e) 4v (g) 6.3v (j) 10v (a) 16v (c) 20v (d) 25v (e) 35v (v) 50v (t) 6.8 685 10 106 d(140) e(120) 15 156 e(75,100) 22 226 d(70) e(75,100) e(60,100) 33 336 d(65) e(50,65) 47 476 d(100) d(45,55) d(55)/e(65) e(55,65) 68 686 d(40,50) e(45,55) 100 107 y(45) (m) d(40,50) e(35,45) 150 157 y(45) (m) e(35) e(30,40) 220 227 y(30) (m) d(35) e(25,40) 330 337 d(25,35) d(25,35) d(35) e(50) e(23,35) 470 477 d(25,35) d(30) e(23,30) e(18,23,30) 680 687 d(25) e(18,23) e(18,23) v(23) 1000 108 d(25) d(25,45) e(25) (m) e(18,23), v(18) v(20) (m) 1500 158 e(12,15,18) e(15,18) 2200 228 e(18) (m)
september 2013  65 tpm multianode tantalum ultra low esr capacitor ratings & part number reference rated dcl df esr 100khz rms current (a) 100khz rms voltage (v) avx case capacitance voltage (a) % max. (m) msl part no. size (f) (v) max. max. @100khz 25oc 85oc 125oc 25oc 85oc 125oc 2.5 volt @ 85c (1.7 volt @ 125c) tpmd108*002#0025 d 1000 2.5 25 8 25 3 3.194 2.874 1.277 0.080 0.072 0.032 tpme158*002#0012 e 1500 2.5 38 6 12 3 4.743 4.269 1.897 0.057 0.051 0.023 tpme158*002#0015 e 1500 2.5 38 6 15 3 4.243 3.818 1.697 0.064 0.057 0.025 tpme158*002#0018 e 1500 2.5 38 6 18 3 3.873 3.486 1.549 0.070 0.063 0.028 tpme228m 002#0018 e 2200 2.5 44 10 18 3 3.873 3.486 1.549 0.070 0.063 0.028 4 volt @ 85c (2.7 volt @ 125c) tpmd337*004#0025 d 330 4 13.2 8 25 3 3.194 2.874 1.277 0.080 0.072 0.032 tpmd337*004#0035 d 330 4 13.2 8 35 3 2.699 2.429 1.080 0.094 0.085 0.038 tpmd477*004#0025 d 470 4 18.8 8 25 3 3.194 2.874 1.277 0.080 0.072 0.032 tpmd477*004#0035 d 470 4 18.8 8 35 3 2.699 2.429 1.080 0.094 0.085 0.038 tpmd687*004#0025 d 680 4 27.2 8 25 3 3.194 2.874 1.277 0.080 0.072 0.032 tpme687*004#0018 e 680 4 27 6 18 3 3.873 3.486 1.549 0.070 0.063 0.028 tpme687*004#0023 e 680 4 27 6 23 3 3.426 3.084 1.370 0.079 0.071 0.032 tpmd108*004#0025 d 1000 4 40 8 25 3 3.194 2.874 1.277 0.080 0.072 0.032 tpmd108*004#0045 d 1000 4 40 8 45 3 2.380 2.142 0.952 0.107 0.096 0.043 tpme108*004#0018 e 1000 4 40 6 18 3 3.873 3.486 1.549 0.070 0.063 0.028 tpme108*004#0023 e 1000 4 40 6 23 3 3.426 3.084 1.370 0.079 0.071 0.032 tpmv108*004#0018 v 1000 4 40 6 18 3 3.979 3.581 1.592 0.072 0.064 0.029 tpme158*004#0015 e 1500 4 40 6 15 3 4.243 3.818 1.697 0.064 0.057 0.025 tpme158*004#0018 e 1500 4 40 6 18 3 3.873 3.486 1.549 0.070 0.063 0.028 6.3 volt @ 85c (4 volt @ 125c) tpmy227m 006#0030 y 220 6.3 13.2 6 30 3 2.646 2.381 1.058 0.079 0.071 0.032 tpmd337*006#0025 d 330 6.3 19.8 8 25 3 3.194 2.874 1.277 0.080 0.072 0.032 tpmd337*006#0035 d 330 6.3 19.8 8 35 3 2.699 2.429 1.080 0.094 0.085 0.038 tpmd477*006#0030 d 470 6.3 28.2 8 30 3 2.915 2.624 1.166 0.087 0.079 0.035 tpme477*006#0018 e 470 6.3 28 6 18 3 3.873 3.486 1.549 0.070 0.063 0.028 tpme477*006#0023 e 470 6.3 28 6 23 3 3.426 3.084 1.370 0.079 0.071 0.032 tpme477*006#0030 e 470 6.3 28 6 30 3 3.000 2.700 1.200 0.090 0.081 0.036 tpme687*006#0018 e 680 6.3 41 6 18 3 3.873 3.486 1.549 0.070 0.063 0.028 tpme687*006#0023 e 680 6.3 41 6 23 3 3.426 3.084 1.370 0.079 0.071 0.032 tpmv687*006#0023 v 680 6.3 41 6 23 3 3.520 3.168 1.408 0.081 0.073 0.032 tpme108m 006#0025 e 1000 6.3 63 8 25 3 3.286 2.958 1.315 0.082 0.074 0.033 tpmv108m 006#0020 v 1000 6.3 63 8 20 3 3.775 3.397 1.510 0.075 0.068 0.030 10 volt @ 85c (7 volt @ 125c) tpmy107m 010#0045 y 100 10 10 8 45 3 2.160 1.944 0.864 0.097 0.087 0.039 tpmy157m 010#0045 y 150 10 15 8 45 3 2.160 1.944 0.864 0.097 0.087 0.039 tpmd227*010#0035 d 220 10 22 8 35 3 2.699 2.429 1.080 0.094 0.085 0.038 tpmd337*010#0035 d 330 10 33 8 35 3 2.699 2.429 1.080 0.094 0.085 0.038 tpme337*010#0023 e 330 10 33 6 23 3 3.426 3.084 1.370 0.079 0.071 0.032 tpme337*010#0035 e 330 10 33 6 35 3 2.777 2.500 1.111 0.097 0.087 0.039 tpme477*010#0023 e 470 10 47 6 23 3 3.426 3.084 1.370 0.079 0.071 0.032 tpme477*010#0030 e 470 10 47 6 30 3 3.000 2.700 1.200 0.090 0.081 0.036 16 volt @ 85c (10 volt @ 125c) tpmd476*016#0100 d 47 16 7.5 8 100 3 1.597 1.437 0.639 0.160 0.144 0.064 tpmd686*016#0040 d 68 16 10.9 8 40 3 2.525 2.272 1.010 0.101 0.091 0.040 tpmd686*016#0050 d 68 16 10.9 8 50 3 2.258 2.032 0.903 0.113 0.102 0.045 tpmd107*016#0040 d 100 16 16 8 40 3 2.525 2.272 1.010 0.101 0.091 0.040 tpmd107*016#0050 d 100 16 16 8 50 3 2.258 2.032 0.903 0.113 0.102 0.045 tpme157*016#0030 e 150 16 24 6 30 3 3.000 2.700 1.200 0.090 0.081 0.036 tpme157*016#0040 e 150 16 24 6 40 3 2.598 2.338 1.039 0.104 0.094 0.042 tpme227*016#0025 e 220 16 35 6 25 3 3.286 2.958 1.315 0.082 0.074 0.033 tpme227*016#0040 e 220 16 35 6 40 3 2.598 2.338 1.039 0.104 0.094 0.042 tpme337*016#0050 e 330 16 52.8 10 50 3 2.324 2.091 0.930 0.116 0.105 0.046 20 volt @ 85c (13 volt @ 125c) tpmd476*020#0045 d 47 20 9.4 8 45 3 2.380 2.142 0.952 0.107 0.096 0.043 tpmd476*020#0055 d 47 20 9.4 8 55 3 2.153 1.938 0.861 0.118 0.107 0.047 tpme107*020#0035 e 100 20 20 6 35 3 2.777 2.500 1.111 0.097 0.087 0.039 tpme107*020#0045 e 100 20 20 6 45 3 2.449 2.205 0.980 0.110 0.099 0.044 tpme157*020#0035 e 150 20 30 10 35 3 2.777 2.500 1.111 0.097 0.087 0.039 25 volt @ 85c (17 volt @ 125c) tpmd336*025#0065 d 33 25 8.3 8 65 3 1.981 1.783 0.792 0.129 0.116 0.051 tpmd476*025#0055 d 47 25 11.8 8 55 3 2.153 1.938 0.861 0.118 0.107 0.047 tpme476*025#0065 e 47 25 11.8 6 65 3 2.038 1.834 0.815 0.132 0.119 0.053 tpme686*025#0045 e 68 25 17 6 45 3 2.449 2.205 0.980 0.110 0.099 0.044 tpme686*025#0055 e 68 25 17 6 55 3 2.216 1.994 0.886 0.122 0.110 0.049 35 volt @ 85c (23 volt @ 125c) tpmd226*035#0070 d 22 35 7.7 8 70 3 1.909 1.718 0.763 0.134 0.120 0.053 tpme226*035#0060 e 22 35 8 6 60 3 2.121 1.909 0.849 0.127 0.115 0.051 tpme226*035#0100 e 22 35 8 6 100 3 1.643 1.479 0.657 0.164 0.148 0.066 tpme336*035#0050 e 33 35 12 6 50 3 2.324 2.091 0.930 0.116 0.105 0.046 tpme336*035#0065 e 33 35 12 6 65 3 2.038 1.834 0.815 0.132 0.119 0.053 tpme476*035#0055 e 47 35 16 6 55 3 2.216 1.994 0.886 0.122 0.110 0.049 tpme476*035#0065 e 47 35 16 6 65 3 2.038 1.834 0.815 0.132 0.119 0.053 50 volt @ 85c (33 volt @ 125c) tpmd106*050#0140 d 10 50 5 8 140 3 1.350 1.215 0.540 0.189 0.170 0.076 tpme106*050#0120 e 10 50 5 6 120 3 1.500 1.350 0.600 0.180 0.162 0.072 tpme156*050#0075 e 15 50 7.5 6 75 3 1.897 1.708 0.759 0.142 0.128 0.057 tpme156*050#0100 e 15 50 7.5 6 100 3 1.643 1.479 0.657 0.164 0.148 0.066 tpme226*050#0075 e 22 50 11 8 75 3 1.897 1.708 0.759 0.142 0.128 0.057 tpme226*050#0100 e 22 50 11 8 100 3 1.643 1.479 0.657 0.164 0.148 0.066 moisture sensitivity level (msl) is defined according to j-std-020. all technical data relates to an ambient temperature of +25c. capacitance and df are measured at 120hz, 0.5v rms with a maximum dc bias of 2.2 volts. dcl is measured at rated voltage after 5 minutes. the eia & cecc standards for low esr solid tantalum capacitors allow an esr movement to 1.25 times catalogue limit post mounting. for typical weight and composition see page 150. note: avx reserves the right to supply a higher voltage rating or tighter tolerance part in the same case size, to the same reliability standards.


▲Up To Search▲   

 
Price & Availability of TPME108M035S0018

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X